Part Number Hot Search : 
91SAM BAR7508S LT1768 NTXV1N BCR16 2SA1461 VISHAY M93C76
Product Description
Full Text Search
 

To Download C15028 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  product datasheet florentina series last update 23/1/2018 details product number fc15352_florentina-4x1-m family florentina type pack color black diameter 175,57x55,57 mm height 17,72 mm style rectang optic material pc holder material fastening pin, screw status production ready rohs compliant yes date updated 23/01/2018 optical properties viewing light effi- led angle beam ciency cd/lm connector xp-l 30 deg medium 75 % 2.400 - xp-g2 30 deg medium 75 % 2.600 - nvsxx19b/nvsxx19c 30 deg medium 82 % 2.700 - oslon square gen3 29 deg medium 77 % 2.800 - january 25th 2018 8:09 copyright ledil oy - subject to change without prior notice - page 1/1 ledil oy salorankatu 10 24240 salo, finland http://www.ledil.com email: ledil@ledil.com fax: +358-2-733 8001 assembly: 1. attach lenses by pressing them down until they snap into place. 2. screw the holder (with lenses assembled) to pcb. inspect that the positioning pins are securely in their holes. 3. press the shade down on the holder until they are securely attached. optional side attachment: the holder can also be attached with din 7985 m3 nuts 1. one nut per side for rotational attachment 2. two per side for fixed beam direction recommendations: screw type din 7985 m3, max. torque 0.6nm 1 2 3 a h b g d e c f b g a h 3 3 2 2 4 4 1 1 tolerances if not otherwise shown according to din iso 2768-1 linear measures: up to 30mm class m, otherwise class c according to din iso 2768-2 form and position: class l scale 1:1 weight 58 g sheet 1/1 size a3 drawing title florentina-4x1 assembly part number - ledil oy salorankatu 10 fin 24240 salo finland third angle projection: this drawing is the property of ledil oy. it may not be reproduced, copied or communicated without a written agreement with ledil oy. index part no description material colour 1 C15028 florentina-4x1-shd pc black 2 c15029 florentina-4x1-hld pc black 3 - cmc / mrk lenses 40 40 80 2 3.2 40 40 175.57 55.57 50 120 bottom view dotted line is recomenden cut out when recessed 1.25 31.17 16.88 front view isometric view scale: 3:4 optional attachment 1 optional side attachment 2
product datasheet florentina series last update 23/1/2018 details product number fc15352_florentina-4x1-m family florentina type pack color black diameter 175,57x55,57 mm height 17,72 mm style rectang optic material pc holder material fastening pin, screw status production ready rohs compliant yes date updated 23/01/2018 optical properties viewing light effi- led angle beam ciency cd/lm connector xp-l 30 deg medium 75 % 2.400 - xp-g2 30 deg medium 75 % 2.600 - nvsxx19b/nvsxx19c 30 deg medium 82 % 2.700 - oslon square gen3 29 deg medium 77 % 2.800 - january 25th 2018 8:09 copyright ledil oy - subject to change without prior notice - page 1/1 ledil oy salorankatu 10 24240 salo, finland http://www.ledil.com email: ledil@ledil.com fax: +358-2-733 8001 assembly: 1. attach lenses by pressing them down until they snap into place. 2. screw the holder (with lenses assembled) to pcb. inspect that the positioning pins are securely in their holes. 3. press the shade down on the holder until they are securely attached. optional side attachment: the holder can also be attached with din 7985 m3 nuts 1. one nut per side for rotational attachment 2. two per side for fixed beam direction recommendations: screw type din 7985 m3, max. torque 0.6nm 1 2 3 a h b g d e c f b g a h 3 3 2 2 4 4 1 1 tolerances if not otherwise shown according to din iso 2768-1 linear measures: up to 30mm class m, otherwise class c according to din iso 2768-2 form and position: class l scale 1:1 weight 58 g sheet 1/1 size a3 drawing title florentina-4x1 assembly part number - ledil oy salorankatu 10 fin 24240 salo finland third angle projection: this drawing is the property of ledil oy. it may not be reproduced, copied or communicated without a written agreement with ledil oy. index part no description material colour 1 C15028 florentina-4x1-shd pc black 2 c15029 florentina-4x1-hld pc black 3 - cmc / mrk lenses 40 40 80 2 3.2 40 40 175.57 55.57 50 120 bottom view dotted line is recomenden cut out when recessed 1.25 31.17 16.88 front view isometric view scale: 3:4 optional attachment 1 optional side attachment 2
product datasheet florentina series last update 23/1/2018 details product number fc15352_florentina-4x1-m family florentina type pack color black diameter 175,57x55,57 mm height 17,72 mm style rectang optic material pc holder material fastening pin, screw status production ready rohs compliant yes date updated 23/01/2018 optical properties viewing light effi- led angle beam ciency cd/lm connector xp-l 30 deg medium 75 % 2.400 - xp-g2 30 deg medium 75 % 2.600 - nvsxx19b/nvsxx19c 30 deg medium 82 % 2.700 - oslon square gen3 29 deg medium 77 % 2.800 - january 25th 2018 8:09 copyright ledil oy - subject to change without prior notice - page 1/1 ledil oy salorankatu 10 24240 salo, finland http://www.ledil.com email: ledil@ledil.com fax: +358-2-733 8001 assembly: 1. attach lenses by pressing them down until they snap into place. 2. screw the holder (with lenses assembled) to pcb. inspect that the positioning pins are securely in their holes. 3. press the shade down on the holder until they are securely attached. optional side attachment: the holder can also be attached with din 7985 m3 nuts 1. one nut per side for rotational attachment 2. two per side for fixed beam direction recommendations: screw type din 7985 m3, max. torque 0.6nm 1 2 3 a h b g d e c f b g a h 3 3 2 2 4 4 1 1 tolerances if not otherwise shown according to din iso 2768-1 linear measures: up to 30mm class m, otherwise class c according to din iso 2768-2 form and position: class l scale 1:1 weight 58 g sheet 1/1 size a3 drawing title florentina-4x1 assembly part number - ledil oy salorankatu 10 fin 24240 salo finland third angle projection: this drawing is the property of ledil oy. it may not be reproduced, copied or communicated without a written agreement with ledil oy. index part no description material colour 1 C15028 florentina-4x1-shd pc black 2 c15029 florentina-4x1-hld pc black 3 - cmc / mrk lenses 40 40 80 2 3.2 40 40 175.57 55.57 50 120 bottom view dotted line is recomenden cut out when recessed 1.25 31.17 16.88 front view isometric view scale: 3:4 optional attachment 1 optional side attachment 2
product datasheet florentina series last update 23/1/2018 details product number fc15352_florentina-4x1-m family florentina type pack color black diameter 175,57x55,57 mm height 17,72 mm style rectang optic material pc holder material fastening pin, screw status production ready rohs compliant yes date updated 23/01/2018 optical properties viewing light effi- led angle beam ciency cd/lm connector xp-l 30 deg medium 75 % 2.400 - xp-g2 30 deg medium 75 % 2.600 - nvsxx19b/nvsxx19c 30 deg medium 82 % 2.700 - oslon square gen3 29 deg medium 77 % 2.800 - january 25th 2018 8:09 copyright ledil oy - subject to change without prior notice - page 1/1 ledil oy salorankatu 10 24240 salo, finland http://www.ledil.com email: ledil@ledil.com fax: +358-2-733 8001 assembly: 1. attach lenses by pressing them down until they snap into place. 2. screw the holder (with lenses assembled) to pcb. inspect that the positioning pins are securely in their holes. 3. press the shade down on the holder until they are securely attached. optional side attachment: the holder can also be attached with din 7985 m3 nuts 1. one nut per side for rotational attachment 2. two per side for fixed beam direction recommendations: screw type din 7985 m3, max. torque 0.6nm 1 2 3 a h b g d e c f b g a h 3 3 2 2 4 4 1 1 tolerances if not otherwise shown according to din iso 2768-1 linear measures: up to 30mm class m, otherwise class c according to din iso 2768-2 form and position: class l scale 1:1 weight 58 g sheet 1/1 size a3 drawing title florentina-4x1 assembly part number - ledil oy salorankatu 10 fin 24240 salo finland third angle projection: this drawing is the property of ledil oy. it may not be reproduced, copied or communicated without a written agreement with ledil oy. index part no description material colour 1 C15028 florentina-4x1-shd pc black 2 c15029 florentina-4x1-hld pc black 3 - cmc / mrk lenses 40 40 80 2 3.2 40 40 175.57 55.57 50 120 bottom view dotted line is recomenden cut out when recessed 1.25 31.17 16.88 front view isometric view scale: 3:4 optional attachment 1 optional side attachment 2
product datasheet florentina series last update 23/1/2018 details product number fc15352_florentina-4x1-m family florentina type pack color black diameter 175,57x55,57 mm height 17,72 mm style rectang optic material pc holder material fastening pin, screw status production ready rohs compliant yes date updated 23/01/2018 optical properties viewing light effi- led angle beam ciency cd/lm connector xp-l 30 deg medium 75 % 2.400 - xp-g2 30 deg medium 75 % 2.600 - nvsxx19b/nvsxx19c 30 deg medium 82 % 2.700 - oslon square gen3 29 deg medium 77 % 2.800 - january 25th 2018 8:09 copyright ledil oy - subject to change without prior notice - page 1/1 ledil oy salorankatu 10 24240 salo, finland http://www.ledil.com email: ledil@ledil.com fax: +358-2-733 8001 assembly: 1. attach lenses by pressing them down until they snap into place. 2. screw the holder (with lenses assembled) to pcb. inspect that the positioning pins are securely in their holes. 3. press the shade down on the holder until they are securely attached. optional side attachment: the holder can also be attached with din 7985 m3 nuts 1. one nut per side for rotational attachment 2. two per side for fixed beam direction recommendations: screw type din 7985 m3, max. torque 0.6nm 1 2 3 a h b g d e c f b g a h 3 3 2 2 4 4 1 1 tolerances if not otherwise shown according to din iso 2768-1 linear measures: up to 30mm class m, otherwise class c according to din iso 2768-2 form and position: class l scale 1:1 weight 58 g sheet 1/1 size a3 drawing title florentina-4x1 assembly part number - ledil oy salorankatu 10 fin 24240 salo finland third angle projection: this drawing is the property of ledil oy. it may not be reproduced, copied or communicated without a written agreement with ledil oy. index part no description material colour 1 C15028 florentina-4x1-shd pc black 2 c15029 florentina-4x1-hld pc black 3 - cmc / mrk lenses 40 40 80 2 3.2 40 40 175.57 55.57 50 120 bottom view dotted line is recomenden cut out when recessed 1.25 31.17 16.88 front view isometric view scale: 3:4 optional attachment 1 optional side attachment 2
product datasheet florentina series last update 23/1/2018 details product number fc15352_florentina-4x1-m family florentina type pack color black diameter 175,57x55,57 mm height 17,72 mm style rectang optic material pc holder material fastening pin, screw status production ready rohs compliant yes date updated 23/01/2018 optical properties viewing light effi- led angle beam ciency cd/lm connector xp-l 30 deg medium 75 % 2.400 - xp-g2 30 deg medium 75 % 2.600 - nvsxx19b/nvsxx19c 30 deg medium 82 % 2.700 - oslon square gen3 29 deg medium 77 % 2.800 - january 25th 2018 8:09 copyright ledil oy - subject to change without prior notice - page 1/1 ledil oy salorankatu 10 24240 salo, finland http://www.ledil.com email: ledil@ledil.com fax: +358-2-733 8001 assembly: 1. attach lenses by pressing them down until they snap into place. 2. screw the holder (with lenses assembled) to pcb. inspect that the positioning pins are securely in their holes. 3. press the shade down on the holder until they are securely attached. optional side attachment: the holder can also be attached with din 7985 m3 nuts 1. one nut per side for rotational attachment 2. two per side for fixed beam direction recommendations: screw type din 7985 m3, max. torque 0.6nm 1 2 3 a h b g d e c f b g a h 3 3 2 2 4 4 1 1 tolerances if not otherwise shown according to din iso 2768-1 linear measures: up to 30mm class m, otherwise class c according to din iso 2768-2 form and position: class l scale 1:1 weight 58 g sheet 1/1 size a3 drawing title florentina-4x1 assembly part number - ledil oy salorankatu 10 fin 24240 salo finland third angle projection: this drawing is the property of ledil oy. it may not be reproduced, copied or communicated without a written agreement with ledil oy. index part no description material colour 1 C15028 florentina-4x1-shd pc black 2 c15029 florentina-4x1-hld pc black 3 - cmc / mrk lenses 40 40 80 2 3.2 40 40 175.57 55.57 50 120 bottom view dotted line is recomenden cut out when recessed 1.25 31.17 16.88 front view isometric view scale: 3:4 optional attachment 1 optional side attachment 2
product datasheet florentina series last update 23/1/2018 details product number fc15352_florentina-4x1-m family florentina type pack color black diameter 175,57x55,57 mm height 17,72 mm style rectang optic material pc holder material fastening pin, screw status production ready rohs compliant yes date updated 23/01/2018 optical properties viewing light effi- led angle beam ciency cd/lm connector xp-l 30 deg medium 75 % 2.400 - xp-g2 30 deg medium 75 % 2.600 - nvsxx19b/nvsxx19c 30 deg medium 82 % 2.700 - oslon square gen3 29 deg medium 77 % 2.800 - january 25th 2018 8:09 copyright ledil oy - subject to change without prior notice - page 1/1 ledil oy salorankatu 10 24240 salo, finland http://www.ledil.com email: ledil@ledil.com fax: +358-2-733 8001 assembly: 1. attach lenses by pressing them down until they snap into place. 2. screw the holder (with lenses assembled) to pcb. inspect that the positioning pins are securely in their holes. 3. press the shade down on the holder until they are securely attached. optional side attachment: the holder can also be attached with din 7985 m3 nuts 1. one nut per side for rotational attachment 2. two per side for fixed beam direction recommendations: screw type din 7985 m3, max. torque 0.6nm 1 2 3 a h b g d e c f b g a h 3 3 2 2 4 4 1 1 tolerances if not otherwise shown according to din iso 2768-1 linear measures: up to 30mm class m, otherwise class c according to din iso 2768-2 form and position: class l scale 1:1 weight 58 g sheet 1/1 size a3 drawing title florentina-4x1 assembly part number - ledil oy salorankatu 10 fin 24240 salo finland third angle projection: this drawing is the property of ledil oy. it may not be reproduced, copied or communicated without a written agreement with ledil oy. index part no description material colour 1 C15028 florentina-4x1-shd pc black 2 c15029 florentina-4x1-hld pc black 3 - cmc / mrk lenses 40 40 80 2 3.2 40 40 175.57 55.57 50 120 bottom view dotted line is recomenden cut out when recessed 1.25 31.17 16.88 front view isometric view scale: 3:4 optional attachment 1 optional side attachment 2
product datasheet florentina series last update 23/1/2018 details product number fc15352_florentina-4x1-m family florentina type pack color black diameter 175,57x55,57 mm height 17,72 mm style rectang optic material pc holder material fastening pin, screw status production ready rohs compliant yes date updated 23/01/2018 optical properties viewing light effi- led angle beam ciency cd/lm connector xp-l 30 deg medium 75 % 2.400 - xp-g2 30 deg medium 75 % 2.600 - nvsxx19b/nvsxx19c 30 deg medium 82 % 2.700 - oslon square gen3 29 deg medium 77 % 2.800 - january 25th 2018 8:09 copyright ledil oy - subject to change without prior notice - page 1/1 ledil oy salorankatu 10 24240 salo, finland http://www.ledil.com email: ledil@ledil.com fax: +358-2-733 8001 assembly: 1. attach lenses by pressing them down until they snap into place. 2. screw the holder (with lenses assembled) to pcb. inspect that the positioning pins are securely in their holes. 3. press the shade down on the holder until they are securely attached. optional side attachment: the holder can also be attached with din 7985 m3 nuts 1. one nut per side for rotational attachment 2. two per side for fixed beam direction recommendations: screw type din 7985 m3, max. torque 0.6nm 1 2 3 a h b g d e c f b g a h 3 3 2 2 4 4 1 1 tolerances if not otherwise shown according to din iso 2768-1 linear measures: up to 30mm class m, otherwise class c according to din iso 2768-2 form and position: class l scale 1:1 weight 58 g sheet 1/1 size a3 drawing title florentina-4x1 assembly part number - ledil oy salorankatu 10 fin 24240 salo finland third angle projection: this drawing is the property of ledil oy. it may not be reproduced, copied or communicated without a written agreement with ledil oy. index part no description material colour 1 C15028 florentina-4x1-shd pc black 2 c15029 florentina-4x1-hld pc black 3 - cmc / mrk lenses 40 40 80 2 3.2 40 40 175.57 55.57 50 120 bottom view dotted line is recomenden cut out when recessed 1.25 31.17 16.88 front view isometric view scale: 3:4 optional attachment 1 optional side attachment 2
product datasheet florentina series last update 23/1/2018 details product number fc15352_florentina-4x1-m family florentina type pack color black diameter 175,57x55,57 mm height 17,72 mm style rectang optic material pc holder material fastening pin, screw status production ready rohs compliant yes date updated 23/01/2018 optical properties viewing light effi- led angle beam ciency cd/lm connector xp-l 30 deg medium 75 % 2.400 - xp-g2 30 deg medium 75 % 2.600 - nvsxx19b/nvsxx19c 30 deg medium 82 % 2.700 - oslon square gen3 29 deg medium 77 % 2.800 - january 25th 2018 8:09 copyright ledil oy - subject to change without prior notice - page 1/1 ledil oy salorankatu 10 24240 salo, finland http://www.ledil.com email: ledil@ledil.com fax: +358-2-733 8001 assembly: 1. attach lenses by pressing them down until they snap into place. 2. screw the holder (with lenses assembled) to pcb. inspect that the positioning pins are securely in their holes. 3. press the shade down on the holder until they are securely attached. optional side attachment: the holder can also be attached with din 7985 m3 nuts 1. one nut per side for rotational attachment 2. two per side for fixed beam direction recommendations: screw type din 7985 m3, max. torque 0.6nm 1 2 3 a h b g d e c f b g a h 3 3 2 2 4 4 1 1 tolerances if not otherwise shown according to din iso 2768-1 linear measures: up to 30mm class m, otherwise class c according to din iso 2768-2 form and position: class l scale 1:1 weight 58 g sheet 1/1 size a3 drawing title florentina-4x1 assembly part number - ledil oy salorankatu 10 fin 24240 salo finland third angle projection: this drawing is the property of ledil oy. it may not be reproduced, copied or communicated without a written agreement with ledil oy. index part no description material colour 1 C15028 florentina-4x1-shd pc black 2 c15029 florentina-4x1-hld pc black 3 - cmc / mrk lenses 40 40 80 2 3.2 40 40 175.57 55.57 50 120 bottom view dotted line is recomenden cut out when recessed 1.25 31.17 16.88 front view isometric view scale: 3:4 optional attachment 1 optional side attachment 2
product datasheet florentina series last update 23/1/2018 details product number fc15352_florentina-4x1-m family florentina type pack color black diameter 175,57x55,57 mm height 17,72 mm style rectang optic material pc holder material fastening pin, screw status production ready rohs compliant yes date updated 23/01/2018 optical properties viewing light effi- led angle beam ciency cd/lm connector xp-l 30 deg medium 75 % 2.400 - xp-g2 30 deg medium 75 % 2.600 - nvsxx19b/nvsxx19c 30 deg medium 82 % 2.700 - oslon square gen3 29 deg medium 77 % 2.800 - january 25th 2018 8:09 copyright ledil oy - subject to change without prior notice - page 1/1 ledil oy salorankatu 10 24240 salo, finland http://www.ledil.com email: ledil@ledil.com fax: +358-2-733 8001 assembly: 1. attach lenses by pressing them down until they snap into place. 2. screw the holder (with lenses assembled) to pcb. inspect that the positioning pins are securely in their holes. 3. press the shade down on the holder until they are securely attached. optional side attachment: the holder can also be attached with din 7985 m3 nuts 1. one nut per side for rotational attachment 2. two per side for fixed beam direction recommendations: screw type din 7985 m3, max. torque 0.6nm 1 2 3 a h b g d e c f b g a h 3 3 2 2 4 4 1 1 tolerances if not otherwise shown according to din iso 2768-1 linear measures: up to 30mm class m, otherwise class c according to din iso 2768-2 form and position: class l scale 1:1 weight 58 g sheet 1/1 size a3 drawing title florentina-4x1 assembly part number - ledil oy salorankatu 10 fin 24240 salo finland third angle projection: this drawing is the property of ledil oy. it may not be reproduced, copied or communicated without a written agreement with ledil oy. index part no description material colour 1 C15028 florentina-4x1-shd pc black 2 c15029 florentina-4x1-hld pc black 3 - cmc / mrk lenses 40 40 80 2 3.2 40 40 175.57 55.57 50 120 bottom view dotted line is recomenden cut out when recessed 1.25 31.17 16.88 front view isometric view scale: 3:4 optional attachment 1 optional side attachment 2
note: the typical divergence will be changed by different color, chip size and chip position tolerance. the typical total divergence is the full angle measured where the luminous intensity is half of the peak value. product datasheet florentina series last update 23/1/2018 details product number fc15352_florentina-4x1-m family florentina type pack color black diameter 175,57x55,57 mm height 17,72 mm style rectang optic material pc holder material fastening pin, screw status production ready rohs compliant yes date updated 23/01/2018 optical properties viewing light effi- led angle beam ciency cd/lm connector xp-l 30 deg medium 75 % 2.400 - xp-g2 30 deg medium 75 % 2.600 - nvsxx19b/nvsxx19c 30 deg medium 82 % 2.700 - oslon square gen3 29 deg medium 77 % 2.800 - january 25th 2018 8:09 copyright ledil oy - subject to change without prior notice - page 1/1 ledil oy salorankatu 10 24240 salo, finland http://www.ledil.com email: ledil@ledil.com fax: +358-2-733 8001 assembly: 1. attach lenses by pressing them down until they snap into place. 2. screw the holder (with lenses assembled) to pcb. inspect that the positioning pins are securely in their holes. 3. press the shade down on the holder until they are securely attached. optional side attachment: the holder can also be attached with din 7985 m3 nuts 1. one nut per side for rotational attachment 2. two per side for fixed beam direction recommendations: screw type din 7985 m3, max. torque 0.6nm 1 2 3 a h b g d e c f b g a h 3 3 2 2 4 4 1 1 tolerances if not otherwise shown according to din iso 2768-1 linear measures: up to 30mm class m, otherwise class c according to din iso 2768-2 form and position: class l scale 1:1 weight 58 g sheet 1/1 size a3 drawing title florentina-4x1 assembly part number - ledil oy salorankatu 10 fin 24240 salo finland third angle projection: this drawing is the property of ledil oy. it may not be reproduced, copied or communicated without a written agreement with ledil oy. index part no description material colour 1 C15028 florentina-4x1-shd pc black 2 c15029 florentina-4x1-hld pc black 3 - cmc / mrk lenses 40 40 80 2 3.2 40 40 175.57 55.57 50 120 bottom view dotted line is recomenden cut out when recessed 1.25 31.17 16.88 front view isometric view scale: 3:4 optional attachment 1 optional side attachment 2


▲Up To Search▲   

 
Price & Availability of C15028

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X